all sp ecification & dimensions are subject to change, please call your nearest foxconn sales representative for update information . specifications future bus connector 1f series, plug. solder fit type 2.0mm [.078?] pitch 4rows , short body mechanical contact retention force: 1.02kg(2.3lb)min . durability: 250 cycles electrical voltage ra t ing: 750v current rating: 1a contact resistance: 10m w max. dielectrical withstanding voltage: 1000v insul ation resistance: 1000m w min. physical housing: lcp, ul 94 - 0, ivory white contact: phos p hor bronze plating: see ?ordering information? drawing ordering information tail length(t) 1=2.9mm 2=3.7mm 3=4.5mm 4=2.65mm 5=3.45mm 6=4.25mm 5=45u" gold mating area plating: mating length(m) 1=5.00mm 2=5.75mm 3=6.50mm 4=7.25mm 5=8.00mm product no.: 1f11***5-s * * 7 22.00 23.90 pos. p/n 192 96 48 [3.70] [1.811] [.866] 94.00 46.00 dim. b dim. a [3.776] 95.90 [1.866] 47.90 [.941] 24 [.3937] 10.00 11.90 [.469] 1f110245-s537 1f110485-s537 1f110965-s537 1f111925-s537
|